Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38000 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H8/38000
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38000 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8/38000 Datasheet HTML 25Page - Renesas Technology Corp H8/38000 Datasheet HTML 26Page - Renesas Technology Corp H8/38000 Datasheet HTML 27Page - Renesas Technology Corp H8/38000 Datasheet HTML 28Page - Renesas Technology Corp H8/38000 Datasheet HTML 29Page - Renesas Technology Corp H8/38000 Datasheet HTML 30Page - Renesas Technology Corp H8/38000 Datasheet HTML 31Page - Renesas Technology Corp H8/38000 Datasheet HTML 32Page - Renesas Technology Corp H8/38000 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page xxix of l
Item
Page
Revisions (See Manual for Details)
17.6.2 DC
Characteristics
Table 17.15 DC
Characteristics (4)
424
Table amended
Values
Item
Symbol
Applicable Pins
Test Condition
Min
Typ
Max
Unit
Notes
Active
mode
current
consump-
tion
IOPE1
VCC
Active (high-speed)
mode
VCC = 5 V,
fOSC = 2 MHz
—
0.8
—
mA
*1 *3 *4
Approx.
max. value
= 1.1
•
Typ.
—
1.5
—
*2 *3 *4
Approx.
max. value
= 1.1
•
Typ.
Table 17.15 DC
Characteristics (5)
428
Table amended
Values
Item
Symbol
Applicable Pins
Test Condition
Min
Typ
Max
Unit
Notes
Allowable
output low
current
(per pin)
IOL
Port 9
VCC = 4.0 V to 5.5 V
——
15.0
mA
Other than above
——
5.0
17.6.3 AC
Characteristics
Table 17.16 Control
Signal Timing
430
Table amended
Values
Item
Symbol
Applicable
Pins
Test Condition
Min
Typ
Max
Unit
Reference
Figure
fOSC
OSC1, OSC2
2.0
—
20.0
MHz
System clock
oscillation
frequency
On-chip oscillator
selected
0.7
—
2.0
*2
tOSC
OSC1, OSC2
50.0
—
500
ns
Figure 17.1
OSC clock ( OSC)
cycle time
On-chip oscillator
selected
500
—
1429
External clock high
width
tCPH
OSC1
20
——
ns
Figure 17.1
External clock low
width
tCPL
OSC1
20
——
ns
Figure 17.1
External clock rise
time
tCPr
OSC1
——
5ns
Figure 17.1
External clock fall
time
tCPf
OSC1
——
5ns
Figure 17.1
Table 17.17 Serial
Interface (SCI3) Timing
431
Table amended
Values
Item
Symbol
Test
Condition
Min
Typ Max Unit
Reference
Figure
Receive data setup time
(clocked synchronous)
tRXS
150.0
——
ns
Figure 17.5
Receive data hold time
(clocked synchronous)
tRXH
150.0
——
ns
Figure 17.5
17.6.4 A/D Converter
Characteristics
Table 17.18 A/D
Converter
Characteristics
432
Table amended
Values
Item
Symbol
Applicable
Pins
Test
Condition
Min
Typ
Max
Unit
Reference
Figure
Conversion time
6.2
—
124
µs
17.6.9 Watchdog
Timer Characteristics
Table 17.27 Watchdog
Timer Characteristics
440
Table amended
Rated Values
Item
Symbol
Applicable
Pins
Test
Condition
Min
Typ
Max
Unit
Note
On-chip oscillator
overflow time
tOVF
VCC = 5 V
0.2
0.4
—
s
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com