| Electronic Components Datasheet Search |
|
H8/38000 Datasheet(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/38000 Datasheet(HTML) 71 Page - Renesas Technology Corp |
|
71 / 555 page ![]() Section 1 Overview Rev. 6.00 Mar 15, 2005 page 21 of 502 REJ09B0024-0600 Pin No. Type Symbol FP-64A, FP-64E, FP-64K DP-64S Pad No.* 1*3 Pad No.* 2 I/O Functions I/O ports P37 to P31 15 to 9 23 to 17 16 to 10 15 to 9 I/O 7-bit I/O port. Input or output can be designated for each bit by means of the port control register 3 (PCR3). When the on- chip emulator is used, pins P33, P34, and P35 are unavailable to the user because they are used exclusively by the on-chip emulator. P43 60 4 61 60 Input 1-bit input port. P42 to P40 59 to 57 3 to 1 60 to 58 59 to 57 I/O 3-bit I/O port. Input or output can be designated for each bit by means of the port control register 4 (PCR4). P57 to P50 41 to 48 49 to 56 42 to 49 41 to 48 I/O 8-bit I/O port. Input or output can be designated for each bit by means of the port control register 5 (PCR5). P67 to P60 33 to 40 41 to 48 34 to 41 33 to 40 I/O 8-bit I/O port. Input or output can be designated for each bit by means of the port control register 6 (PCR6). P77 to P70 25 to 32 33 to 40 26 to 33 25 to 32 I/O 8-bit I/O port. Input or output can be designated for each bit by means of the port control register 7 (PCR7). P80 24 32 25 24 I/O 1-bit I/O port. Input or output can be designated for each bit by means of the port control register 8 (PCR8). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |