Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 594Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 595Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 596Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 597Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 598Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 599Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 600Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 601Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 574 of 1200
REJ09B0344-0200
(6)
Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Reset-Synchronized PWM Mode
Figure 10.140 shows an explanatory diagram of the case where an error occurs in normal mode
and operation is restarted in reset-synchronized PWM mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TIOR
(0 init
0 out)
12
TIOR
(disabled)
13
TOER
(0)
14
TOCR
15
TMDR
(RPWM)
16
TOER
(1)
17
PFC
(MTU2)
18
TSTR
(1)
MTU2
module output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
High-Z
High-Z
High-Z
Figure 10.140 Error Occurrence in Normal Mode,
Recovery in Reset-Synchronized PWM Mode
1 to 13 are the same as in figure 10.135.
14. Select the reset-synchronized PWM output level and cyclic output enabling/disabling with
TOCR.
15. Set reset-synchronized PWM.
16. Enable channel 3 and 4 output with TOER.
17. Set MTU2 output with the PFC.
18. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com