Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 592Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 593Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 594Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 595Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 596Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 597Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 598Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 599Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 572 of 1200
REJ09B0344-0200
(4)
Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Phase Counting Mode
Figure 10.138 shows an explanatory diagram of the case where an error occurs in normal mode
and operation is restarted in phase counting mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PCM)
12
TIOR
(1 init
0 out)
13
PFC
(MTU2)
14
TSTR
(1)
MTU2 module output
TIOC*A
TIOC*B
Port output
PEn
PEn
n = 0 to 15
High-Z
High-Z
Figure 10.138 Error Occurrence in Normal Mode, Recovery in Phase Counting Mode
1 to 10 are the same as in figure 10.135.
11. Set phase counting mode.
12. Initialize the pins with TIOR.
13. Set MTU2 output with the PFC.
14. Operation is restarted by TSTR.
Note:
Phase counting mode can only be set for channels 1 and 2, and therefore TOER setting is
not necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com