Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 595Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 596Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 597Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 598Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 599Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 600Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 601Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 602Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 575 of 1200
REJ09B0344-0200
(7)
Operation when Error Occurs during PWM Mode 1 Operation, and Operation is
Restarted in Normal Mode
Figure 10.141 shows an explanatory diagram of the case where an error occurs in PWM mode 1
and operation is restarted in normal mode after re-setting.
1
RESET
2
TMDR
(PWM1)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(1 init
0 out)
13
PFC
(MTU2)
14
TSTR
(1)
MTU2 module output
TIOC*A
TIOC*B
Port output
PEn
PEn
Not initialized (TIOC*B)
n = 0 to 15
High-Z
High-Z
Figure 10.141 Error Occurrence in PWM Mode 1, Recovery in Normal Mode
1.
After a reset, MTU2 output is low and ports are in the high-impedance state.
2.
Set PWM mode 1.
3.
For channels 3 and 4, enable output with TOER before initializing the pins with TIOR.
4.
Initialize the pins with TIOR. (The example shows initial high output, with low output on
compare-match occurrence. In PWM mode 1, the TIOC*B side is not initialized.)
5.
Set MTU2 output with the PFC.
6.
The count operation is started by TSTR.
7.
Output goes low on compare-match occurrence.
8.
An error occurs.
9.
Set port output with the PFC and output the inverse of the active level.
10. The count operation is stopped by TSTR.
11. Set normal mode.
12. Initialize the pins with TIOR.
13. Set MTU2 output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com