Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 628Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 629Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 630Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 631Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 632Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 633Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 634Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 635Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 608 of 1200
REJ09B0344-0200
12.1
Features
• Each of the POE0, POE1, POE3, POE4, POE7, and POE8 input pins can be set for falling
edge, P
φ/8 × 16, Pφ/16 × 16, or Pφ/128 × 16 low-level sampling.
• High-current pins and the pins for channel 0 of the MTU2 can be placed in high-impedance
state by
POE0, POE1, POE3, POE4, POE7, and POE8 pin falling-edge or low-level sampling.
• High-current pins can be placed in high-impedance state when the high-current pin output
levels are compared and simultaneous active-level output continues for one cycle or more.
• High-current pins and the pins for channel 0 of the MTU2 can be placed in high-impedance
state by modifying the POE2 register settings.
• Interrupts can be generated by input-level sampling or output-level comparison results.
The POE2 has input level detection circuits, output level comparison circuits, and a high-
impedance request/interrupt request generating circuit as shown in the block diagram of figure
12.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com