Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 633 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 629Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 630Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 631Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 632Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 633Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 634Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 635Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 636Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 609 of 1200
REJ09B0344-0200
Figure 12.1 shows a block diagram of the POE2.
TIOC3B
TIOC4A
TIOC4C
TIOC4B
TIOC4D
POE3
POE1
POE0
POE7
POE4
POE8
TIOC3D
TIOC3BS
TIOC4AS
TIOC4CS
TIOC4BS
TIOC4DS
TIOC3DS
SPOER
Output level comparison
circuit
Input level detection circuit
Falling edge
detection circuit
Low level
sampling circuit
Input level detection circuit
Falling edge
detection circuit
Low level
sampling circuit
Input level detection circuit
Falling edge
detection circuit
Low level
sampling circuit
P
φ/8
P
φ
P
φ/16
P
φ/128
High-impedance
request signal for
MTU2 high-current pins
High-impedance
request signal for
MTU2 channel 0 pins
High-impedance
request signal for
MTU2S high-current pins
Interrupt
request signal
Frequency
divider
POECR1,
POECR2
Output level comparison
circuit
Output level comparison
circuit
Output level comparison
circuit
Output level comparison
circuit
Output level comparison
circuit
ICSR1:
ICSR2:
ICSR3:
OCSR1:
OCSR2:
[Legend]
Input level control/status register 1
Input level control/status register 2
Input level control/status register 3
Output level control/status register 1
Output level control/status register 2
SPOER:
POECR1:
POECR2:
Software port output enable register
Port output enable control register 1
Port output enable control register 2
Figure 12.1 Block Diagram of POE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com