Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 630Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 631Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 632Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 633Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 634Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 635Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 636Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 637Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 610 of 1200
REJ09B0344-0200
12.2
Input/Output Pins
Table 12.1
Pin Configuration
Pin Name
Symbol
I/O
Function
Port output enable input pins
0, 1, and 3
POE0, POE1,
POE3
Input
Input request signals to place high-
current pins (PB18/TIOC3B,
PB19/TIOC3D, PB4/TIOC4A,
PB5/TIOC4B, PB6/TIOC4C, and
PB7/TIOC4D) for MTU2 in high-
impedance state
Port output enable input pins
4 and 7
POE4 and POE7
Input
Input request signals to place high-
current pins (PB21/TIOC3BS,
PB20/TIOC3DS, PB12/TIOC4AS,
PB13/TIOC4BS, PB10/TIOC4CS,
and PB11/TIOC4DS) for MTU2S in
high-impedance state
Port output enable input pin 8
POE8
Input
Inputs a request signal to place pins
(PA22/TIOC0A, PA23/TIOC0B,
PA24/TIOC0C, and PA25/TIOC0D)
for channel 0 in MTU2 in high-
impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com