Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 631Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 632Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 633Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 634Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 635Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 636Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 637Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 638Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 611 of 1200
REJ09B0344-0200
Table 12.2 shows output-level comparisons with pin combinations.
Table 12.2
Pin Combinations
Pin Combination
I/O
Description
PB18/TIOC3B and PB19/TIOC3D
PB4/TIOC4A and PB6/TIOC4C
PB5/TIOC4B and PB7/TIOC4D
Output
The high-current pins for the MTU2 are placed in
high-impedance state when the pins
simultaneously output an active level for one or
more cycles of the peripheral clock (P
φ). (In the
case of TOCS = 0 in timer output control register 1
(TOCR1) in the MTU2, low level when the output
level select P (OLSP) bit is 0, or high level when
the OLSP bit is 1. In the case of TOCS = 1, low
level when the OLS3N, OLS3P, OLS2N, OLS2P,
OLS1N, and OLS1P bits are 0 in TOCR2, or high
level when these bits are 1.)
This active level comparison is done when the
MTU2 output function or general output function is
selected in the pin function controller. If another
function is selected, the output level is not
checked.
Pin combinations for output comparison and high-
impedance control can be selected by POE2
registers.
PB21/TIOC3BS and PB20/TIOC3DS
PB12/TIOC4AS and PB10/TIOC4CS
PB13/TIOC4BS and PB11/TIOC4DS
Output
The high-current pins for the MTU2S are placed in
high-impedance state when the pins
simultaneously output an active level for one or
more cycles of the peripheral clock (P
φ). (In the
case of TOCS = 0 in timer output control register
1S (TOCR1S) in the MTU2S, low level when the
output level select P (OLSP) bit is 0, or high level
when the OLSP bit is 1. In the case of TOCS = 1,
low level when the OLS3N, OLS3P, OLS2N,
OLS2P, OLS1N, and OLS1P bits are 0 in
TOCR2S, or high level when these bits are 1.)
This active level comparison is done when the
MTU2S output function or general output function
is selected in the pin function controller. If another
function is selected, the output level is not
checked.
Pin combinations for output comparison and high-
impedance control can be selected by POE2
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com