Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 690 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 690 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 686Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 687Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 688Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 689Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 690Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 691Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 692Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 693Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 666 of 1200
REJ09B0344-0200
• Four types of interrupts: Transmit-FIFO-data-empty interrupt, break interrupt, receive-FIFO-
data-full interrupt, and receive-error interrupts are requested independently.
• When the SCIF is not in use, it can be stopped by halting the clock supplied to it, saving
power.
• The quantity of data in the transmit and receive FIFO data registers and the number of receive
errors of the receive data in the receive FIFO data register can be ascertained.
• A time-out error (DR) can be detected when receiving in asynchronous mode.
Figure 15.1 shows a block diagram of the SCIF.
[Legend]
Receive shift register
Receive FIFO data register
Transmit shift register
Transmit FIFO data register
Serial mode register
Serial control register
Serial status register
Bit rate register
Serial port register
FIFO control register
FIFO data count register
Line status register
Serial extended mode register
Internal
data bus
P
φ
SCFRDR (16 stage)
Module data bus
SCFTDR (16 stage)
SCRSR
SCTSR
SCSMR
SCLSR
SCFDR
SCFCR
SCFSR
SCSCR
SCSPTR
SCBRR
Transmission/reception
control
Baud rate
generator
Clock
TXI
RXI
ERI
BRI
External clock
Parity generation
Parity check
P
φ/4
P
φ/16
P
φ/64
SCK
TXD
RXD
SCIF
SCRSR:
SCFRDR:
SCTSR:
SCFTDR:
SCSMR:
SCSCR:
SCFSR:
SCBRR:
SCSPTR:
SCFCR:
SCFDR:
SCLSR:
SCSEMR:
SCSEMR
Figure 15.1 Block Diagram of SCIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com