Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 694 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 694 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 690Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 691Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 692Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 693Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 670 of 1200
REJ09B0344-0200
15.3.1
Receive Shift Register (SCRSR)
SCRSR receives serial data. Data input at the RXD pin is loaded into SCRSR in the order
received, LSB (bit 0) first, converting the data to parallel form. When one byte has been received,
it is automatically transferred to the receive FIFO data register (SCFRDR).
The CPU cannot read or write to SCRSR directly.
7654321
0
--------
--------
Bit:
Initial value:
R/W:
15.3.2
Receive FIFO Data Register (SCFRDR)
SCFRDR is a register that stores serial receive data. The SCIF completes the reception of one byte
of serial data by moving the received data from the receive shift register (SCRSR) into SCFRDR
for storage. Continuous reception is possible until 16 bytes are stored. The CPU can read but not
write to SCFRDR. If data is read when there is no receive data in the SCFRDR, the value is
undefined.
When SCFRDR is full of receive data, subsequent serial data is lost.
SCFRDR is initialized to an undefined value by a power-on reset.
7654321
0
--------
RRRRRRRR
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com