Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 692Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 693Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 672 of 1200
REJ09B0344-0200
15.3.5
Serial Mode Register (SCSMR)
SCSMR specifies the SCIF serial communication format and selects the clock source for the baud
rate generator.
The CPU can always read and write to SCSMR. SCSMR is initialized to H'0000 by a power-on
reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
Bit:
Initial value:
R/W:
--------
C/
A
CHR
PE
O/
E
STOP
-
CKS[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
C/
A
0
R/W
Communication Mode
Selects whether the SCIF operates in asynchronous or
clocked synchronous mode.
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length
Selects 7-bit or 8-bit data length in asynchronous mode.
In clocked synchronous mode, the data length is always
8 bits, regardless of the CHR setting.
0: 8-bit data
1: 7-bit data*
Note: *
When 7-bit data is selected, the MSB (bit 7) of
the transmit FIFO data register is not
transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com