Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 699 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 699 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 703Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 675 of 1200
REJ09B0344-0200
15.3.6
Serial Control Register (SCSCR)
SCSCR operates the SCIF transmitter/receiver, enables/disables interrupt requests, and selects the
transmit/receive clock source. The CPU can always read and write to SCSCR. SCSCR is
initialized to H'0000 by a power-on reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
Bit:
Initial value:
R/W:
-
-
-
-
-
-
-
-
TIE
RIE
TE
RE
REIE
-
CKE[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
TIE
0
R/W
Transmit Interrupt Enable
Enables or disables the transmit-FIFO-data-empty
interrupt (TXI) requested when the serial transmit data
is transferred from the transmit FIFO data register
(SCFTDR) to the transmit shift register (SCTSR), when
the quantity of data in the transmit FIFO register
becomes less than the specified number of
transmission triggers, and when the TDFE flag in the
serial status register (SCFSR) is set to1.
0: Transmit-FIFO-data-empty interrupt request (TXI) is
disabled
1: Transmit-FIFO-data-empty interrupt request (TXI) is
enabled*
Note: * The TXI interrupt request can be cleared by
writing a greater quantity of transmit data than
the specified transmission trigger number to
SCFTDR and by clearing TDFE to 0 after
reading 1 from TDFE, or can be cleared by
clearing TIE to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com