Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 703Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 704Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 705Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 678 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1, 0
CKE[1:0]
00
R/W
Clock Enable
Select the SCIF clock source and enable or disable
clock output from the SCK pin. Depending on CKE[1:0],
the SCK pin can be used for serial clock output or serial
clock input. If serial clock output is set in clocked
synchronous mode, set the C/
A bit in SCSMR to 1, and
then set CKE[1:0].
• Asynchronous mode
00: Internal clock, SCK pin used for input pin (input
signal is ignored)
01: Internal clock, SCK pin used for clock output
(The output clock frequency is 16 times the bit rate.)
10: External clock, SCK pin used for clock input
(The input clock frequency is 16 times the bit rate.)
11: Setting prohibited
• Clocked synchronous mode
00: Internal clock, SCK pin used for serial clock output
01: Internal clock, SCK pin used for serial clock output
10: External clock, SCK pin used for serial clock input
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com