Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 674 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length
Selects one or two bits as the stop bit length in
asynchronous mode. This setting is used only in
asynchronous mode. It is ignored in clocked
synchronous mode because no stop bits are added.
When receiving, only the first stop bit is checked,
regardless of the STOP bit setting. If the second stop
bit is 1, it is treated as a stop bit, but if the second stop
bit is 0, it is treated as the start bit of the next incoming
character.
0: One stop bit
When transmitting, a single 1-bit is added at the end
of each transmitted character.
1: Two stop bits
When transmitting, two 1 bits are added at the end of
each transmitted character.
2
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1, 0
CKS[1:0]
00
R/W
Clock Select
Select the internal clock source of the on-chip baud rate
generator. For further information on the clock source,
bit rate register settings, and baud rate, see section
15.3.8, Bit Rate Register (SCBRR).
00: P
φ
01: P
φ/4
10: P
φ/16
11: P
φ/64
Note: P
φ: Peripheral clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com