Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 697 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 697 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 693Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 673 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
PE
0
R/W
Parity Enable
Selects whether to add a parity bit to transmit data and
to check the parity of receive data, in asynchronous
mode. In clocked synchronous mode, a parity bit is
neither added nor checked, regardless of the PE setting.
0: Parity bit not added or checked
1: Parity bit added and checked*
Note: * When PE is set to 1, an even or odd parity bit is
added to transmit data, depending on the parity
mode (O/
E) setting. Receive data parity is
checked according to the even/odd (O/
E) mode
setting.
4
O/
E
0
R/W
Parity mode
Selects even or odd parity when parity bits are added
and checked. The O/
E setting is used only in
asynchronous mode and only when the parity enable bit
(PE) is set to 1 to enable parity addition and checking.
The O/
E setting is ignored in clocked synchronous
mode, or in asynchronous mode when parity addition
and checking is disabled.
0: Even parity*
1
1: Odd parity*
2
Notes:1. If even parity is selected, the parity bit is
added to transmit data to make an even
number of 1s in the transmitted character and
parity bit combined. Receive data is checked
to see if it has an even number of 1s in the
received character and parity bit combined.
2. If odd parity is selected, the parity bit is added
to transmit data to make an odd number of 1s
in the transmitted character and parity bit
combined. Receive data is checked to see if it
has an odd number of 1s in the received
character and parity bit combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com