Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 695 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 695 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 691Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 692Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 693Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 694Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 695Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 671 of 1200
REJ09B0344-0200
15.3.3
Transmit Shift Register (SCTSR)
SCTSR transmits serial data. The SCIF loads transmit data from the transmit FIFO data register
(SCFTDR) into SCTSR, then transmits the data serially from the TXD pin, LSB (bit 0) first. After
transmitting one data byte, the SCIF automatically loads the next transmit data from SCFTDR into
SCTSR and starts transmitting again.
The CPU cannot read or write to SCTSR directly.
7654321
0
--------
--------
Bit:
Initial value:
R/W:
15.3.4
Transmit FIFO Data Register (SCFTDR)
SCFTDR is a 16-byte FIFO register that stores data for serial transmission. When the SCIF detects
that the transmit shift register (SCTSR) is empty, it moves transmit data written in the SCFTDR
into SCTSR and starts serial transmission. Continuous serial transmission is performed until there
is no transmit data left in SCFTDR. The CPU can write to SCFTDR at all times.
When SCFTDR is full of transmit data (16 bytes), no more data can be written. If writing of new
data is attempted, the data is ignored.
SCFTDR is initialized to an undefined value by a power-on reset.
7654321
0
--------
WWWWWWWW
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com