Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 700 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 700 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 696Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 697Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 698Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 699Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 703Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 676 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
RIE
0
R/W
Receive Interrupt Enable
Enables or disables the receive FIFO data full (RXI)
interrupts requested when the RDF flag or DR flag in
serial status register (SCFSR) is set to1, receive-error
(ERI) interrupts requested when the ER flag in SCFSR
is set to1, and break (BRI) interrupts requested when
the BRK flag in SCFSR or the ORER flag in line status
register (SCLSR) is set to1.
0: Receive FIFO data full interrupt (RXI), receive-error
interrupt (ERI), and break interrupt (BRI) requests
are disabled
1: Receive FIFO data full interrupt (RXI), receive-error
interrupt (ERI), and break interrupt (BRI) requests
are enabled*
Note: * RXI interrupt requests can be cleared by
reading the DR or RDF flag after it has been
set to 1, then clearing the flag to 0, or by
clearing RIE to 0. ERI or BRI interrupt requests
can be cleared by reading the ER, BR or
ORER flag after it has been set to 1, then
clearing the flag to 0, or by clearing RIE and
REIE to 0.
5
TE
0
R/W
Transmit Enable
Enables or disables the serial transmitter.
0: Transmitter disabled
1: Transmitter enabled*
Note: * Serial transmission starts after writing of
transmit data into SCFTDR. Select the transmit
format in SCSMR and SCFCR and reset the
transmit FIFO before setting TE to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com