Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 704 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 704 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 700Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 701Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 703Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 704Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 705Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 706Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 707Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 708Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 680 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
7
ER
0
R/(W)* Receive Error
Indicates the occurrence of a framing error, or of a
parity error when receiving data that includes parity.*
1
0: Receiving is in progress or has ended normally
[Clearing conditions]
• ER is cleared to 0 a power-on reset
• ER is cleared to 0 when the chip is when 0 is
written after 1 is read from ER
1: A framing error or parity error has occurred.
[Setting conditions]
• ER is set to 1 when the stop bit is 0 after checking
whether or not the last stop bit of the received
data is 1 at the end of one data receive
operation*
2
• ER is set to 1 when the total number of 1s in the
receive data plus parity bit does not match the
even/odd parity specified by the O/
E bit in SCSMR
Notes: 1. Clearing the RE bit to 0 in SCSCR does
not affect the ER bit, which retains its
previous value. Even if a receive error
occurs, the receive data is transferred to
SCFRDR and the receive operation is
continued. Whether or not the data read
from SCFRDR includes a receive error
can be detected by the FER and PER bits
in SCFSR.
2. In two stop bits mode, only the first stop
bit is checked; the second stop bit is not
checked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com