Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 706 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 706 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 702Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 703Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 704Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 705Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 706Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 707Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 708Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 709Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 710Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 706 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 682 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TDFE
1
R/(W)* Transmit FIFO Data Empty
Indicates that data has been transferred from the
transmit FIFO data register (SCFTDR) to the transmit
shift register (SCTSR), the quantity of data in
SCFTDR has become less than the transmission
trigger number specified by the TTRG1 and TTRG0
bits in the FIFO control register (SCFCR), and writing
of transmit data to SCFTDR is enabled.
0: The quantity of transmit data written to SCFTDR is
greater than the specified transmission trigger
number
[Clearing conditions]
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR after 1 is read from TDFE and then 0 is
written
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR by the DMAC.
1: The quantity of transmit data in SCFTDR is equal
to or less than the specified transmission trigger
number*
[Setting conditions]
• TDFE is set to 1 by a power-on reset
• TDFE is set to 1 when the quantity of transmit
data in SCFTDR becomes equal to or less than
the specified transmission trigger number as a
result of transmission.
Note: * Since SCFTDR is a 16-byte FIFO register,
the maximum quantity of data that can be
written when TDFE is 1 is "16 minus the
specified transmission trigger number". If an
attempt is made to write additional data, the
data is ignored. The quantity of data in
SCFTDR is indicated by the upper 8 bits of
SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com