Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 705Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 706Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 707Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 708Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 709Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 710Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 711Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 685 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
RDF
0
R/(W)* Receive FIFO Data Full
Indicates that receive data has been transferred to the
receive FIFO data register (SCFRDR), and the
quantity of data in SCFRDR has become more than
the receive trigger number specified by the RTRG[1:0]
bits in the FIFO control register (SCFCR).
0: The quantity of transmit data written to SCFRDR is
less than the specified receive trigger number
[Clearing conditions]
• RDF is cleared to 0 by a power-on reset, standby
mode
• RDF is cleared to 0 when the SCFRDR is read
until the quantity of receive data in SCFRDR
becomes less than the specified receive trigger
number after 1 is read from RDF and then 0 is
written
• RDF is cleared to 0 when SCFRDR is read by the
DMAC until the quantity of receive data in
SCFRDR becomes less than the specified receive
trigger number.
1: The quantity of receive data in SCFRDR is more
than the specified receive trigger number
[Setting condition]
• RDF is set to 1 when a quantity of receive data
more than the specified receive trigger number is
stored in SCFRDR*
Note: * As SCFTDR is a 16-byte FIFO register, the
maximum quantity of data that can be read
when RDF is 1 becomes the specified
receive trigger number. If an attempt is made
to read after all the data in SCFRDR has
been read, the data is undefined. The
quantity of receive data in SCFRDR is
indicated by the lower 8 bits of SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com