Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 710 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 710 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 706Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 707Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 708Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 709Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 710Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 711Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 686 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
DR
0
R/(W)* Receive Data Ready
Indicates that the quantity of data in the receive FIFO
data register (SCFRDR) is less than the specified
receive trigger number, and that the next data has not
yet been received after the elapse of 15 ETU from the
last stop bit in asynchronous mode. In clocked
synchronous mode, this bit is not set to 1.
0: Receiving is in progress, or no receive data
remains in SCFRDR after receiving ended normally
[Clearing conditions]
• DR is cleared to 0 when the chip undergoes a
power-on reset
• DR is cleared to 0 when all receive data are read
after 1 is read from DR and then 0 is written.
• DR is cleared to 0 when all receive data in
SCFRDR are read by the DMAC.
1: Next receive data has not been received
[Setting condition]
• DR is set to 1 when SCFRDR contains less data
than the specified receive trigger number, and the
next data has not yet been received after the
elapse of 15 ETU from the last stop bit.*
Note: * This is equivalent to 1.5 frames with the 8-bit,
1-stop-bit format. (ETU: elementary time unit)
Note:
*
Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com