Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 714 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 714 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 710Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 711Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 690 of 1200
REJ09B0344-0200
Table 15.5
Bit Rates and SCBRR Settings (Clocked Synchronous Mode)
P
φ (MHz)
32
36
40
Bit Rate (bit/s)
n
N
n
N
n
N
500
—
—
1 k
3
124
3
140
3
155
2.5 k
2
199
2
224
2
249
5 k
2
99
2
112
2
124
10 k
2
49
2
55
2
62
25 k
1
79
1
89
1
97
50 k
1
39
1
44
1
48
100 k
0
79
0
89
0
97
250 k
0
31
0
35
0
38
500 k
0
15
0
17
0
19
1 M
0
7
0
8
0
9
2 M
0
3
—
—
0
4
[Legend]
Blank: No setting possible
—:
Setting possible, but error occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com