Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 716 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 716 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 712Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 692 of 1200
REJ09B0344-0200
15.3.9
FIFO Control Register (SCFCR)
SCFCR resets the quantity of data in the transmit and receive FIFO data registers, sets the trigger
data quantity, and contains an enable bit for loop-back testing. SCFCR can always be read and
written to by the CPU. It is initialized to H'0000 by a power-on reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Bit:
Initial value:
R/W:
-----
---
RTRG[1:0]
TTRG[1:0]
-
TFRST RFRST
LOOP
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Receive FIFO Data Trigger
Set the quantity of receive data which sets the receive
data full (RDF) flag in the serial status register (SCFSR).
The RDF flag is set to 1 when the quantity of receive
data stored in the receive FIFO register (SCFRDR) is
increased more than the set trigger number shown
below.
• Asynchronous mode • Clocked synchronous mode
7, 6
RTRG[1:0]
00
R/W
00: 1
01: 4
10: 8
11: 14
00: 1
01: 2
10: 8
11: 14
Note:
In clock synchronous mode, to transfer the
receive data using DMAC, set the receive trigger
number to 1. If set to other than 1, CPU must
read the receive data left in SCFRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com