Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 717 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 717 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 713Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 693 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5, 4
TTRG[1:0]
00
R/W
Transmit FIFO Data Trigger
Set the quantity of remaining transmit data which sets
the transmit FIFO data register empty (TDFE) flag in the
serial status register (SCFSR). The TDFE flag is set to 1
when the quantity of transmit data in the transmit FIFO
data register (SCFTDR) becomes less than the set
trigger number shown below.
00: 8 (8)*
01: 4 (12)*
10: 2 (14)*
11: 0 (16)*
Note: * Values in parentheses mean the number of
empty bytes in SCFTDR when the TDFE flag is
set to 1.
3
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
TFRST
0
R/W
Transmit FIFO Data Register Reset
Disables the transmit data in the transmit FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.
1
RFRST
0
R/W
Receive FIFO Data Register Reset
Disables the receive data in the receive FIFO data
register and resets the data to the empty state.
0: Reset operation disabled*
1: Reset operation enabled
Note: * Reset operation is executed by a power-on
reset.
0
LOOP
0
R/W
Loop-Back Test
Internally connects the transmit output pin (TXD) and
receive input pin (RXD) and internally connects the
RTS
pin and
CTS pin and enables loop-back testing.
0: Loop back test disabled
1: Loop back test enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com