Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 718 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 718 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 714Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 715Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 716Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 694 of 1200
REJ09B0344-0200
15.3.10
FIFO Data Count Register (SCFDR)
SCFDR is a 16-bit register which indicates the quantity of data stored in the transmit FIFO data
register (SCFTDR) and the receive FIFO data register (SCFRDR).
It indicates the quantity of transmit data in SCFTDR with the upper 8 bits, and the quantity of
receive data in SCFRDR with the lower 8 bits. SCFDR can always be read by the CPU. SCFDR is
initialized to H'0000 by a power on reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
Bit:
Initial value:
R/W:
-
-
-
T[4:0]
-
-
-
R[4:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12 to 8
T[4:0]
00000
R
T4 to T0 bits indicate the quantity of non-transmitted
data stored in SCFTDR. H'00 means no transmit data,
and H'10 means that SCFTDR is full of transmit data.
7 to 5
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4 to 0
R[4:0]
00000
R
R4 to R0 bits indicate the quantity of receive data
stored in SCFRDR. H'00 means no receive data, and
H'10 means that SCFRDR full of receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com