Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 721 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 721 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 717Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 724Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 697 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
15 to 1
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
ORER
0
R/(W)* Overrun Error
Indicates the occurrence of an overrun error.
0: Receiving is in progress or has ended normally*
1
[Clearing conditions]
• ORER is cleared to 0 when the chip is a power-on
reset
• ORER is cleared to 0 when 0 is written after 1 is
read from ORER.
1: An overrun error has occurred*
2
[Setting condition]
• ORER is set to 1 when the next serial receiving is
finished while the receive FIFO is full of 16-byte
receive data.
Notes: 1. Clearing the RE bit to 0 in SCSCR does
not affect the ORER bit, which retains its
previous value.
2. The receive FIFO data register (SCFRDR)
retains the data before an overrun error
has occurred, and the next received data
is discarded. When the ORER bit is set to
1, the SCIF cannot continue the next
serial reception.
Note:
*
Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com