| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 723 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 723 Page - Renesas Technology Corp |
|
723 / 1228 page ![]() Section 15 Serial Communication Interface with FIFO (SCIF) Rev. 2.00 May. 08, 2008 Page 699 of 1200 REJ09B0344-0200 15.4 Operation 15.4.1 Overview For serial communication, the SCIF has an asynchronous mode in which characters are synchronized individually, and a clocked synchronous mode in which communication is synchronized with clock pulses. The SCIF has a 16-stage FIFO buffer for both transmission and receptions, reducing the overhead of the CPU, and enabling continuous high-speed communication. The transmission format is selected in the serial mode register (SCSMR), as shown in table 15.9. The SCIF clock source is selected by the combination of the CKE1 and CKE0 bits in the serial control register (SCSCR), as shown in table 15.10. (1) Asynchronous Mode • Data length is selectable: 7 or 8 bits • Parity bit is selectable. So is the stop bit length (1 or 2 bits). The combination of the preceding selections constitutes the communication format and character length. • In receiving, it is possible to detect framing errors, parity errors, receive FIFO data full, overrun errors, receive data ready, and breaks. • The number of stored data bytes is indicated for both the transmit and receive FIFO registers. • An internal or external clock can be selected as the SCIF clock source. ⎯ When an internal clock is selected, the SCIF operates using the clock of on-chip baud rate generator. ⎯ When an external clock is selected, the external clock input must have a frequency 16 times the bit rate. (The on-chip baud rate generator is not used.) (2) Clocked Synchronous Mode • The transmission/reception format has a fixed 8-bit data length. • In receiving, it is possible to detect overrun errors (ORER). • An internal or external clock can be selected as the SCIF clock source. ⎯ When an internal clock is selected, the SCIF operates using the clock of the on-chip baud rate generator, and outputs this clock to external devices as the synchronous clock. ⎯ When an external clock is selected, the SCIF operates on the input synchronous clock not using the on-chip baud rate generator. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |