Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 726 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 726 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 724Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 726Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 727Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 728Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 729Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 730Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 702 of 1200
REJ09B0344-0200
(1)
Transmit/Receive Formats
Table 15.11 lists the eight communication formats that can be selected in asynchronous mode. The
format is selected by settings in the serial mode register (SCSMR).
Table 15.11 Serial Communication Formats (Asynchronous Mode)
SCSMR Bits
Serial Transmit/Receive Format and Frame Length
CHR
PE STOP
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
START
8-bit data
STOP
0
0
1
START
8-bit data
STOP STOP
0
1
0
START
8-bit data
P
STOP
0
1
1
START
8-bit data
P
STOP STOP
1
0
0
START
7-bit data
STOP
1
0
1
START
7-bit data
STOP STOP
1
1
0
START
7-bit data
P
STOP
1
1
1
START
7-bit data
P
STOP STOP
[Legend]
START: Start bit
STOP:
Stop bit
P:
Parity bit
(2)
Clock
An internal clock generated by the on-chip baud rate generator or an external clock input from the
SCK pin can be selected as the SCIF transmit/receive clock. The clock source is selected by the
C/
A bit in the serial mode register (SCSMR) and bits CKE[1:0] in the serial control register
(SCSCR). For clock source selection, refer to table 15.10, SCSMR and SCSCR Settings and SCIF
Clock Source Selection.
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.
When the SCIF operates on an internal clock, it can output a clock signal on the SCK pin. The
frequency of this output clock is 16 times the desired bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com