Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 729 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 729 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 726Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 727Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 728Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 729Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 730Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 731Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 732Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 705 of 1200
REJ09B0344-0200
• Transmitting Serial Data (Asynchronous Mode)
Figure 15.4 shows a sample flowchart for serial transmission.
Use the following procedure for serial data transmission after enabling the SCIF for transmission.
Start of transmission
Read TDFE flag in SCFSR
TDFE = 1?
Write transmit data in SCFTDR,
and read 1 from TDFE flag
and TEND flag in SCFSR,
then clear to 0
All data transmitted?
Read TEND flag in SCFSR
TEND = 1?
Break output?
Clear SPB2DT to 0 and
set SPB2IO to 1
Clear TE bit in SCSCR to 0
End of transmission
No
Yes
No
Yes
No
Yes
No
Yes
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR, and read 1
from the TDFE and TEND flags, then
clear to 0.
The quantity of transmit data that can
be written is 16 - (transmit trigger set
number).
[2] Serial transmission continuation
procedure:
To continue serial transmission, read
1 from the TDFE flag to confirm that
writing is possible, then write data to
SCFTDR, and then clear the TDFE
flag to 0.
[3] Break output during serial
transmission:
To output a break in serial
transmission, clear the SPB2DT bit to
0 and set the SPB2IO bit to 1 in
SCSPTR, then clear the TE bit in
SCSCR to 0.
In [1] and [2], it is possible to ascertain
the number of data bytes that can be
written from the number of transmit data
bytes in SCFTDR indicated by the upper
8 bits of SCFDR.
[1]
[2]
[3]
Figure 15.4 Sample Flowchart for Transmitting Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com