Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 728Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 729Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 730Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 731Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 732Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 733Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 734Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 735Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 708 of 1200
REJ09B0344-0200
• Receiving Serial Data (Asynchronous Mode)
Figures 15.6 and 15.7 show sample flowcharts for serial reception.
Use the following procedure for serial data reception after enabling the SCIF for reception.
Start of reception
Read ER, DR, BRK flags in
SCFSR and ORER
flag in SCLSR
ER, DR, BRK or ORER = 1?
Read RDF flag in SCFSR
RDF = 1?
Read receive data in
SCFRDR, and clear RDF
flag in SCFSR to 0
All data received?
Clear RE bit in SCSCR to 0
End of reception
Yes
No
Yes
Yes
No
No
Error handling
[1] Receive error handling and
break detection:
Read the DR, ER, and BRK
flags in SCFSR, and the
ORER flag in SCLSR, to
identify any error, perform the
appropriate error handling,
then clear the DR, ER, BRK,
and ORER flags to 0. In the
case of a framing error, a
break can also be detected by
reading the value of the RxD
pin.
[2] SCIF status check and receive
data read:
Read SCFSR and check that
RDF flag = 1, then read the
receive data in SCFRDR, read
1 from the RDF flag, and then
clear the RDF flag to 0. The
transition of the RDF flag from
0 to 1 can be identified by an
RXI interrupt.
[3] Serial reception continuation
procedure:
To continue serial reception,
read at least the receive
trigger set number of receive
data bytes from SCFRDR,
read 1 from the RDF flag, then
clear the RDF flag to 0. The
number of receive data bytes
in SCFRDR can be
ascertained by reading from
SCRFDR.
[1]
[2]
[3]
Figure 15.6 Sample Flowchart for Receiving Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com