Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 736 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 736 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 732Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 733Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 734Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 735Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 736Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 737Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 738Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 739Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 712 of 1200
REJ09B0344-0200
In clocked synchronous serial communication, each data bit is output on the communication line
from one falling edge of the serial clock to the next. Data is guaranteed valid at the rising edge of
the serial clock.
In each character, the serial data bits are transmitted in order from the LSB (first) to the MSB
(last). After output of the MSB, the communication line remains in the state of the MSB.
In clocked synchronous mode, the SCIF receives data by synchronizing with the rising edge of the
serial clock.
(1)
Transmit/Receive Formats
The data length is fixed at eight bits. No parity bit can be added.
(2)
Clock
An internal clock generated by the on-chip baud rate generator by the setting of the C/A bit in
SCSMR and CKE[1:0] in SCSCR, or an external clock input from the SCK pin can be selected as
the SCIF transmit/receive clock.
When the SCIF operates on an internal clock, it outputs the clock signal at the SCK pin. Eight
clock pulses are output per transmitted or received character. When the SCIF is not transmitting or
receiving, the clock signal remains in the high state. When only receiving, the clock signal outputs
while the RE bit of SCSCR is 1 and the number of data in receive FIFO is more than the receive
FIFO data trigger number.
(3)
Transmitting and Receiving Data
• SCIF Initialization (Clocked Synchronous Mode)
Before transmitting, receiving, or changing the mode or communication format, the software must
clear the TE and RE bits to 0 in the serial control register (SCSCR), then initialize the SCIF.
Clearing TE to 0 initializes the transmit shift register (SCTSR). Clearing RE to 0, however, does
not initialize the RDF, PER, FER, and ORER flags and receive data register (SCRDR), which
retain their previous contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com