Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 731Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 732Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 733Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 734Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 735Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 736Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 737Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 738Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 711 of 1200
REJ09B0344-0200
RDF
0
0/1
1
1
1
D0
D1
D7
0
0/1
1
D0
D1
D7
FER
Serial
data
Start
bit
Data
Parity
bit
Stop
bit
Start
bit
Data
Parity
bit
Stop
bit
RXI interrupt
request
One frame
Data read and RDF flag
read as 1 then cleared to 0
by RXI interrupt handler
ERI interrupt request
generated by receive
error
Idle state
(mark state)
Figure 15.8 Example of SCIF Receive Operation
(8-Bit Data, Parity, 1 Stop Bit)
15.4.3
Operation in Clocked Synchronous Mode
In clocked synchronous mode, the SCIF transmits and receives data in synchronization with clock
pulses. This mode is suitable for high-speed serial communication.
The SCIF transmitter and receiver are independent, so full-duplex communication is possible
while sharing the same clock. The transmitter and receiver are also 16-byte FIFO buffered, so
continuous transmitting or receiving is possible by reading or writing data while transmitting or
receiving is in progress.
Figure 15.9 shows the general format in clocked synchronous serial communication.
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
*
*
LSB
MSB
Don't care
Don't care
One unit of transfer data (character or frame)
Serial data
Serial clock
Note: * High except in continuous transfer
Figure 15.9 Data Format in Clocked Synchronous Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com