Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 733Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 734Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 735Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 736Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 737Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 738Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 739Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 740Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 713 of 1200
REJ09B0344-0200
Figure 15.10 shows a sample flowchart for initializing the SCIF.
Start of initialization
Clear TE and RE bits
in SCSCR to 0
Set TFRST and RFRST bits
in SCFCR to 1 to clear
the FIFO buffer
After reading ER, DR,
and BRK flags in SCFSR,
write 0 to clear them
Set CKE[1:0] in SCSCR
(leaving TIE, RIE, TE,
and RE bits cleared to 0)
Set data transfer format
in SCSMR
Set RTRG[1:0] and TTRG[1:0] in SCFCR,
and clear TFRST and RFRST
Set value in SCBRR
Set TE and RE bits in SCSCR
to 1, and set TIE, RIE,
and REIE bits
End of initialization
Leave the TE and RE bits cleared
to 0 until the initialization almost
ends. Be sure to clear the TIE,
RIE, TE, and RE bits to 0.
Set the data transfer format in
SCSMR.
Set CKE[1:0].
Write a value corresponding to
the bit rate into SCBRR. This
is not necessary if an external
clock is used.
Set the TE or RE bit in SCSCR
to 1. Also set the TIE, RIE, and
REIE bits to enable the TXD,
RXD, and SCK pins to be used.
When transmitting, the TXD pin
will go to the mark state.
When receiving in clocked
synchronous mode with the
synchronization clock output (clock
master) selected, a clock starts to
be output from the SCK pin at this
point.
[1]
[1]
[2]
[3]
[4]
[5]
[2]
[3]
[4]
[5]
Figure 15.10 Sample Flowchart for SCIF Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com