Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 740 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 740 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 736Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 737Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 738Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 739Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 740Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 741Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 742Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 743Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 744Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 740 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 716 of 1200
REJ09B0344-0200
• Receiving Serial Data (Clocked Synchronous Mode)
Figures 15.13 and 15.14 show sample flowcharts for receiving serial data. When switching from
asynchronous mode to clocked synchronous mode without SCIF initialization, make sure that
ORER, PER, and FER are cleared to 0.
Start of reception
Read ORER flag in SCLSR
ORER = 1?
Read RDF flag in SCFSR
RDF = 1?
Read receive data in
SCFRDR, and clear RDF
flag in SCFSR to 0
All data received?
Clear RE bit in SCSCR to 0
End of reception
Yes
No
Yes
Yes
No
No
Error handling
[1] Receive error handling:
Read the ORER flag in SCLSR to identify
any error, perform the appropriate error
handling, then clear the ORER flag to 0.
Reception cannot be resumed while the
ORER flag is set to 1.
[2] SCIF status check and receive data read:
Read SCFSR and check that RDF = 1,
then read the receive data in SCFRDR,
and clear the RDF flag to 0. The transition
of the RDF flag from 0 to 1 can also be
identified by an RXI interrupt.
[3] Serial reception continuation procedure:
To continue serial reception, read at least
the receive trigger set number of receive
data bytes from SCFRDR, read 1 from the
RDF flag, then clear the RDF flag to 0.
The number of receive data bytes in
SCFRDR can be ascertained by reading
SCFRDR. However, the RDF bit is
cleared to 0 automatically when an RXI
interrupt activates the DMAC to read the
data in SCFRDR.
[1]
[2]
[3]
Figure 15.13 Sample Flowchart for Receiving Serial Data (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com