Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 738Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 739Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 740Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 741Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 742Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 743Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 744Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 745Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 718 of 1200
REJ09B0344-0200
In serial reception, the SCIF operates as described below.
1. The SCIF synchronizes with serial clock input or output and starts the reception.
2. Receive data is shifted into SCRSR in order from the LSB to the MSB. After receiving the
data, the SCIF checks the receive data can be loaded from SCRSR into SCFRDR or not. If this
check is passed, the RDF flag is set to 1 and the SCIF stores the received data in SCFRDR. If
the check is not passed (overrun error is detected), further reception is prevented.
3. After setting RDF to 1, if the receive FIFO data full interrupt enable bit (RIE) is set to 1 in
SCSCR, the SCIF requests a receive-data-full interrupt (RXI). If the ORER bit is set to 1 and
the receive-data-full interrupt enable bit (RIE) or the receive error interrupt enable bit (REIE)
in SCSCR is also set to 1, the SCIF requests a break interrupt (BRI).
Figure 15.15 shows an example of SCIF receive operation.
Bit 7
Bit 0
LSB
MSB
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
RDF
ORER
Serial clock
Serial data
Data read from SCFRDR and
RDF flag cleared to 0 by RXI
interrupt handler
One frame
RXI
interrupt
request
BRI interrupt request
by overrun error
RXI
interrupt
request
Figure 15.15 Example of SCIF Receive Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com