Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 746 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 746 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 742Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 743Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 744Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 745Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 746Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 747Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 748Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 749Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 722 of 1200
REJ09B0344-0200
15.6.3
Restriction on DMAC Usage
When the DMAC writes data to SCFTDR due to a TXI interrupt request, the state of the TEND
flag becomes undefined. Therefore, the TEND flag should not be used as the transfer end flag in
such a case.
15.6.4
Break Detection and Processing
Break signals can be detected by reading the RXD pin directly when a framing error (FER) is
detected. In the break state the input from the RXD pin consists of all 0s, so the FER flag is set
and the parity error flag (PER) may also be set.
Note that, although transfer of receive data to SCFRDR is halted in the break state, the SCIF
receiver continues to operate.
15.6.5
Sending a Break Signal
The I/O condition and level of the TXD pin are determined by the SPB2IO and SPB2DT bits in
the serial port register (SCSPTR). This feature can be used to send a break signal.
Until TE bit is set to 1 (enabling transmission) after initializing, the TXD pin does not work.
During the period, mark status is performed by the SPB2DT bit. Therefore, the SPB2IO and
SPB2DT bits should be set to 1 (high level output).
To send a break signal during serial transmission, clear the SPB2DT bit to 0 (designating low
level), then clear the TE bit to 0 (halting transmission). When the TE bit is cleared to 0, the
transmitter is initialized regardless of the current transmission state, and 0 is output from the TXD
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com