Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 744 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 744 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 740Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 741Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 742Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 743Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 744Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 745Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 746Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 747Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 748Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 720 of 1200
REJ09B0344-0200
15.5
SCIF Interrupts
The SCIF has four interrupt sources: transmit-FIFO-data-empty (TXI), receive-error (ERI),
receive FIFO data full (RXI), and break (BRI).
Table 15.12 shows the interrupt sources and their order of priority. The interrupt sources are
enabled or disabled by means of the TIE, RIE, and REIE bits in SCSCR. A separate interrupt
request is sent to the interrupt controller for each of these interrupt sources.
When a TXI request is enabled by the TIE bit and the TDFE flag in the serial status register
(SCFSR) is set to 1, a TXI interrupt request is generated. The DMAC can be activated and data
transfer performed by this TXI interrupt request. At this time, an interrupt request is not sent to the
CPU.
When an RXI request is enabled by the RIE bit and the RDFE flag or the DR flag in SCFSR is set
to 1, an RXI interrupt request is generated. The DMAC can be activated and data transfer
performed by this RXI interrupt request. At this time, an interrupt request is not sent to the CPU.
The RXI interrupt request caused by the DR flag is generated only in asynchronous mode.
When the RIE bit is set to 0 and the REIE bit is set to 1, the SCIF requests only an ERI interrupt
without requesting an RXI interrupt.
The TXI interrupt indicates that transmit data can be written, and the RXI interrupt indicates that
there is receive data in SCFRDR.
Table 15.12 SCIF Interrupt Sources
Interrupt
Source
Description
DMAC
Activation
Priority on
Reset Release
BRI
Interrupt initiated by break (BRK) or overrun error
(ORER)
Not possible
High
ERI
Interrupt initiated by receive error (ER)
Not possible
RXI
Interrupt initiated by receive FIFO data full (RDF) or
data ready (DR)
Possible
TXI
Interrupt initiated by transmit FIFO data empty
(TDFE)
Possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com