Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 744Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 745Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 746Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 747Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 748Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 749Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 750Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 751Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 724 of 1200
REJ09B0344-0200
The receive margin in asynchronous mode can therefore be expressed as shown in equation 1.
Equation 1:
M = (0.5
−
)
− (L − 0.5) F −
(1 + F)
× 100 %
1
2N
D
− 0.5
N
Where: M: Receive margin (%)
N: Ratio of clock frequency to bit rate
(N = 16 when ABCS = 0, and N = 8 when ABCS = 1)
D: Clock duty (D = 0 to 1.0)
L: Frame length (L = 9 to 12)
F: Absolute deviation of clock frequency
From equation 1, if F = 0, D = 0.5, and N = 16, the receive margin is 46.875%, as given by
equation 2.
Equation 2:
When D = 0.5 and F = 0:
M = (0.5
− 1/(2 × 16)) × 100%
= 46.875%
This is a theoretical value. A reasonable margin to allow in system designs is 20% to 30%.
15.6.7
FER and PER Flags in the Serial Status Register (SCFSR)
The FER (framing error) and PER (parity error) flags in the serial status register (SCFSR) are
status flags of the receive FIFO data register (SCFRDR) to be read next. If the CPU or DMAC
reads the receive FIFO data register, the FER (framing error) and PER (parity error) flags of the
current receive data will be lost. To check the framing error and parity error status of the current
receive data correctly, the serial status register (SCFSR) should be read before the receive FIFO
data register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com