Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 745Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 746Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 747Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 748Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 749Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 750Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 751Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 752Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 725 of 1200
REJ09B0344-0200
Section 16 I
2C Bus Interface 3 (IIC3)
The I
2C bus interface 3 conforms to and provides a subset of the Philips I2C (Inter-IC) bus
interface functions. However, the configuration of the registers that control the I
2C bus differs
partly from the Philips register configuration.
16.1
Features
• Selection of I2C format or clocked synchronous serial format
• Continuous transmission/reception
Since the shift register, transmit data register, and receive data register are independent from
each other, the continuous transmission/reception can be performed.
I
2C bus format:
• Start and stop conditions generated automatically in master mode
• Selection of acknowledge output levels when receiving
• Automatic loading of acknowledge bit when transmitting
• Bit synchronization/wait function
In master mode, the state of SCL is monitored per bit, and the timing is synchronized
automatically. If transmission/reception is not yet possible, set the SCL to low until
preparations are completed.
• Six interrupt sources
Transmit data empty (including slave-address match), transmit end, receive data full (including
slave-address match), arbitration lost, NACK detection, and stop condition detection
• The direct memory access controller (DMAC) can be activated by a transmit-data-empty
request or receive-data-full request to transfer data.
• Direct bus drive
Two pins, SCL and SDA pins, function as NMOS open-drain outputs when the bus drive
function is selected.
Clocked synchronous serial format:
• Four interrupt sources
Transmit-data-empty, transmit-end, receive-data-full, and overrun error
• The direct memory access controller (DMAC) can be activated by a transmit-data-empty
request or receive-data-full request to transfer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com