Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 753 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 753 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 749Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 750Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 751Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 752Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 753Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 754Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 755Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 756Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 729 of 1200
REJ09B0344-0200
16.3.1
I
2C Bus Control Register 1 (ICCR1)
ICCR1 is an 8-bit readable/writable register that enables or disables the I
2C bus interface 3,
controls transmission or reception, and selects master or slave mode, transmission or reception,
and transfer clock frequency in master mode.
ICCR1 is initialized to H'00 by a power-on reset.
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
ICE
RCVD
MST
TRS
CKS[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface 3 Enable
0: This module is halted. (SCL and SDA pins function
as ports.)
1: This bit is enabled for transfer operations. (SCL and
SDA pins are bus drive state.)
6
RCVD
0
R/W
Reception Disable
Enables or disables continuous reception when TRS =
0 and ICDRR is not read. If ICDRR cannot be read by
the rising of 8th clock cycle of SCL in master receive
mode, reception in byte units should be performed by
setting the RCVD bit to 1.
0: Enables continuous reception
1: Disables continuous reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com