Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 751Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 752Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 753Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 754Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 755Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 756Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 757Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 758Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 731 of 1200
REJ09B0344-0200
Table 16.3
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate (kHz)
CKS3
CKS2
CKS1
CKS0
Clock
P
φ = 32MHz
(128/4)
P
φ = 36MHz
(144/4)
P
φ = 40MHz
(160/4)
0
P
φ/44
727.3
818.2
909.1
0
1
P
φ/52
615.4
692.3
769.2
0
P
φ/64
500.0
562.5
625.0
0
1
1
P
φ/72
444.4
500.0
555.6
0
P
φ/84
381.0
428.6
476.2
0
1
P
φ/92
347.8
391.3
434.8
0
P
φ/100
320.0
360.0
400.0
0
1
1
1
P
φ/108
296.3
333.3
370.4
0
P
φ/176
181.8
204.5
227.3
0
1
P
φ/208
153.8
173.1
192.3
0
P
φ/256
125.0
140.6
156.3
0
1
1
P
φ/288
111.1
125.0
138.9
0
P
φ/336
95.2
107.1
119.0
0
1
P
φ/368
87.0
97.8
108.7
1
1
1
0
P
φ/400
80.0
90.0
100.0
1
P
φ/432
74.1
83.3
92.6
Note:
The settings should satisfy external specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com