Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 758 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 758 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 754Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 755Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 756Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 757Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 758Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 759Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 760Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 761Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 734 of 1200
REJ09B0344-0200
16.3.3
I
2C Bus Mode Register (ICMR)
ICMR is an 8-bit readable/writable register that selects whether the MSB or LSB is transferred
first, performs master mode wait control, and selects the transfer bit count.
ICMR is initialized to H'38 by a power-on reset. Bits BC[2:0] are initialized to H'0 by the IICRST
bit in ICCR2.
7654321
0
00111000
R/W
R
R
R
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
MLS
-
-
-
BCWP
BC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
5, 4
⎯
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.
3
BCWP
1
R/W
BC Write Protect
Controls the BC[2:0] modifications. When modifying the
BC[2:0] bits, this bit should be cleared to 0. In clocked
synchronous serial mode, the BC[2:0] bits should not
be modified.
0: When writing, values of the BC[2:0] bits are set.
1: When reading, 1 is always read.
When writing, settings of the BC[2:0] bits are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com