Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 762 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 762 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 758Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 759Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 760Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 761Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 762Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 763Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 764Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 765Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 738 of 1200
REJ09B0344-0200
16.3.5
I
2C Bus Status Register (ICSR)
ICSR is an 8-bit readable/writable register that confirms interrupt request flags and their status.
ICSR is initialized to H'00 by a power-on reset.
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
TDRE
TEND
RDRF NACKF STOP AL/OVE
AAS
ADZ
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
0
R/W
Transmit Data Register Empty
[Clearing conditions]
• When 0 is written in TDRE after reading TDRE = 1
• When data is written to ICDRT
[Setting conditions]
• When data is transferred from ICDRT to ICDRS and
ICDRT becomes empty
• When TRS is set
• When the start condition (including retransmission)
is issued
• When slave mode is changed from receive mode to
transmit mode
6
TEND
0
R/W
Transmit End
[Clearing conditions]
• When 0 is written in TEND after reading TEND = 1
• When data is written to ICDRT
[Setting conditions]
• When the ninth clock of SCL rises with the I2C bus
format while the TDRE flag is 1
• When the final bit of transmit frame is sent with the
clocked synchronous serial format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com