Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 765 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 765 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 761Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 762Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 763Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 764Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 765Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 766Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 767Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 768Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 741 of 1200
REJ09B0344-0200
16.3.6
Slave Address Register (SAR)
SAR is an 8-bit readable/writable register that selects the communications format and sets the
slave address. In slave mode with the I
2C bus format, if the upper seven bits of SAR match the
upper seven bits of the first frame received after a start condition, this module operates as the slave
device.
SAR is initialized to H'00 by a power-on reset.
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
SVA[6:0]
FS
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
SVA[6:0]
0000000
R/W
Slave Address
These bits set a unique address in these bits,
differing form the addresses of other slave devices
connected to the I
2C bus.
0
FS
0
R/W
Format Select
0: I
2C bus format is selected
1: Clocked synchronous serial format is selected
16.3.7
I
2C Bus Transmit Data Register (ICDRT)
ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects the
space in the shift register (ICDRS), it transfers the transmit data which is written in ICDRT to
ICDRS and starts transferring data. If the next transfer data is written to ICDRT during
transferring data of ICDRS, continuous transfer is possible. ICDRT is initialized to H'FF.
7654321
0
11111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com