Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 767 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 767 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 763Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 764Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 765Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 766Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 767Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 768Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 769Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 770Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 743 of 1200
REJ09B0344-0200
16.3.10
NF2CYC Register (NF2CYC)
NF2CYC is an 8-bit readable/writable register that selects the range of the noise filtering for the
SCL and SDA pins. For details of the noise filter, see section 16.4.7, Noise Filter.
NF2CYC is initialized to H'00 by a power-on reset.
7654321
0
00000000
RRRRRRR
R/W
Bit:
Initial value:
R/W:
-
-
-----
NF2
CYC
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
NF2CYC
0
R/W
Noise Filtering Range Select
0: The noise less than one cycle of the peripheral clock
can be filtered out
1: The noise less than two cycles of the peripheral clock
can be filtered out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com