Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 763 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 763 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 759Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 760Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 761Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 762Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 763Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 764Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 765Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 766Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 739 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
RDRF
0
R/W
Receive Data Full
[Clearing conditions]
• When 0 is written in RDRF after reading RDRF = 1
• When ICDRR is read
[Setting condition]
• When a receive data is transferred from ICDRS to
ICDRR
4
NACKF
0
R/W
No Acknowledge Detection Flag
[Clearing condition]
• When 0 is written in NACKF after reading NACKF
= 1
[Setting condition]
• When no acknowledge is detected from the receive
device in transmission while the ACKE bit in ICIER
is 1
3
STOP
0
R/W
Stop Condition Detection Flag
[Clearing condition]
• When 0 is written in STOP after reading STOP = 1
[Setting conditions]
• In master mode, when a stop condition is detected
after frame transfer
• In slave mode, when the slave address in the first
byte after the general call and detecting start
condition matches the address set in SAR, and then
the stop condition is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com