Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 754 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 754 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 750Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 751Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 752Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 753Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 754Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 755Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 756Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 757Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 730 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
In master mode with the I
2C bus format, when
arbitration is lost, MST and TRS are both reset by
hardware, causing a transition to slave receive mode.
Modification of the TRS bit should be made between
transfer frames.
When seven bits after the start condition is issued in
slave receive mode match the slave address set to
SAR and the 8th bit is set to 1, TRS is automatically
set to 1. If an overrun error occurs in master receive
mode with the clocked synchronous serial format, MST
is cleared and the mode changes to slave receive
mode.
Operating modes are described below according to
MST and TRS combination. When clocked
synchronous serial format is selected and MST = 1,
clock is output.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3 to 0
CKS[3:0]
0000
R/W
Transfer Clock Select
These bits should be set according to the necessary
transfer rate (table 16.3) in master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com