Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 725 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 725 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 724Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 726Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 727Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 728Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 701 of 1200
REJ09B0344-0200
15.4.2
Operation in Asynchronous Mode
In asynchronous mode, each transmitted or received character begins with a start bit and ends with
a stop bit. Serial communication is synchronized one character at a time.
The transmitting and receiving sections of the SCIF are independent, so full duplex
communication is possible. The transmitter and receiver are 16-byte FIFO buffered, so data can be
written and read while transmitting and receiving are in progress, enabling continuous transmitting
and receiving.
Figure 15.2 shows the general format of asynchronous serial communication.
In asynchronous serial communication, the communication line is normally held in the mark
(high) state. The SCIF monitors the line and starts serial communication when the line goes to the
space (low) state, indicating a start bit. One serial character consists of a start bit (low), data (LSB
first), parity bit (high or low), and stop bit (high), in that order.
When receiving in asynchronous mode, the SCIF synchronizes at the falling edge of the start bit.
The SCIF samples each data bit on the eighth pulse of a clock with a frequency 16 times* the bit
rate. Receive data is latched at the center of each bit.
0
1
D0
D1
D3
D4
D5
D6
D2
0/1
11
1
D7
(LSB)
(MSB)
Start
bit
Idle state (mark state)
Stop bit
Transmit/receive data
Serial
data
Parity
bit
1 bit
1 or 2 bits
7 or 8 bits
1 bit
or
none
One unit of transfer data (character or frame)
Figure 15.2 Example of Data Format in Asynchronous Communication
(8-Bit Data with Parity and Two Stop Bits)
Note: * This is an example when ABCS = 0 in SCSEMR. When ABCS = 1, a frequency of 8
times the bit rate becomes the basic clock, and receive data is sampled at the fourth
rising edge of the basic clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com