Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 718Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 719Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 720Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 721Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 722Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 723Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 724Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 725Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1228 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 May. 08, 2008 Page 698 of 1200
REJ09B0344-0200
15.3.13
Serial Extended Mode Register (SCSEMR)
SCSEMR is an 8-bit register that extends the SCIF functions. The transfer rate can be doubled by
setting the basic clock in asynchronous mode. The basic clock can be set for only channels 1 and
2.
Be sure to set this register to H'00 in clocked synchronous mode. SCSEMR is initialized to H'00
by a power-on reset.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ABCS
-
------
Bit
Bit Name
Initial
Value
R/W
Description
7
ABCS
0
R/W
Asynchronous Basic Clock Select
Selects the basic clock for 1-bit period in
asynchronous mode.
Setting of ABCS is valid when the asynchronous
mode bit (C/
A in SCSMR) = 0.
0: Basic clock with a frequency of 16 times the
transfer rate
1: Basic clock with a frequency of 8 times the transfer
rate
6 to 0
—
All 0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com